PART |
Description |
Maker |
EG1260 EG2325A EG-1201A EG1213 EG2601C EG4319A EG2 |
SLIDE SWITCHES SLIDE SWITCH, DP6T, LATCHED, THROUGH HOLE-STRAIGHT SLIDE SWITCH, 4P3T, LATCHED, THROUGH HOLE-RIGHT ANGLE SLIDE SWITCHES
|
E-SWITCH http://
|
KA-J-10-L-G-G-R KA-J-06-S-A-G-T KA-J-08-T-A-G-T KA |
SLIDE DIP SWITCH-10SWITCHES, SPST, LATCHED,0.025A, 24VDC, SURFACE MOUNT-STRAIGHT SLIDE DIP SWITCH-6SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT
|
E-SWITCH
|
SM5010BK1S SM5010BH2S SM5010AN1S SM5010AN2S SM5010 |
AC OUTPUT MODULE NON ZERO CROSS 晶体振荡器模块集成电 Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Right Angle Actuator RoHS Compliant: Yes 晶体振荡器模块集成电 Crystal Oscillator Module ICs
|
Nippon Precision Circuits I... Seiko NPC, Corp. Seiko NPC Corporation NPC[Nippon Precision Circuits Inc] Nippon Precision Circui...
|
1-1571983-2 1-1571983-4 GDH08STR04 |
SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.025A, 24VDC, SURFACE MOUNT-STRAIGHT SLIDE DIP SWITCH-10SWITCHES, SPST, LATCHED,0.025A, 24VDC, SURFACE MOUNT-STRAIGHT SLIDE DIP SWITCH-8SWITCHES, 8PST, LATCHED,0.025A, 24VDC, SURFACE MOUNT-STRAIGHT
|
|
SSSB021500 SSSB022200 SSSB022700 SSSB02E300 SSSB04 |
Slide Switch
|
ALPS ELECTRIC CO.,LTD.
|
SSST010500 |
Slide Switch
|
ALPS ELECTRIC CO.,LTD.
|
218-10LPSTJF 218-08LPSTJF 218-12LPST |
SMT half pitch DIP switch-Auto placeable SLIDE DIP SWITCH-10SWITCHES, SPST, LATCHED,0.025A, 24VDC, SURFACE MOUNT-STRAIGHT SMT half pitch DIP switch-Auto placeable SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.025A, 24VDC, SURFACE MOUNT-STRAIGHT SWITCH DIP HALF PITCH 12P GW SMD
|
CTS, Corp. CTS CORP
|
206-5RAST |
SWITCH RT ANGLE SEALED 5 SEC SLIDE DIP SWITCH-5SWITCHES, SPST, LATCHED,THROUGH HOLE-RIGHT ANGLE
|
CTS, Corp.
|
PSD512B0 ZPSD512B0-C-70J ZPSD512B0-C-70L ZPSD512B0 |
PSD5XX/ZPSD5XX FAMILY FIELD-PROGRAMMABLE MICROCONTROLLER PERIPHERALS Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes ROCKER SWITCH, SPST, ILLUM RED; Switch function type:SPST; Current, contact AC max:16A; Temp, op. max:85(degree C); Width, panel cutout:34.5mm; Length, panel cut-out:23.5mm; Colour:Red (illuminated); Current, contact @ contact RoHS Compliant: Yes Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes PSD5XX/ZPSD5XX FAMILY FIELD-PROGRAMMABLE MICROCONTROLLER PERIPHERALS EXPRESS ETHERNET SWITCH 16 PORT ER 2C 2#16S SKT RECP WALL 低成本现场可编程微控制器外围设备 Low Cost Field Programmable Microcontroller Peripherals 低成本现场可编程微控制器外围设备
|
http:// ST Microelectronics 意法半导 STMicroelectronics N.V.
|
A6TN-2101 A6TN-2104 A6TN-3101 A6TN-3104 A6TN-4101 |
Slide DIP Switch
|
Omron Electronics LLC
|
2-1437580-3 2-1437580-4 2-1437580-5 |
SLIDE SWITCH SP & SPRA
|
Tyco Electronics
|
|